Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB-581LF Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # EB-581LF
Description  Intel Atom??Z510/ Z530 3.5" Embedded Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

EB-581LF Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  EB-581LF Datasheet HTML 1Page - Protech Systems Co., Ltd. EB-581LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EB-581LF
Intel® Atom™ Z510/ Z530
3.5" Embedded Board
w/ SCH US15W / Audio /
2LAN
Features and Benefits:
Supports onboard Intel® Atom™
Processor Z510/Z530 series
Memory support DDR2 SO-DIMM up to
2GB
Supports HW decode acceleration
H.264, MPEG 1/2/4, WMV9/VC1 High
Definition decode
Onboard dual Gigabit LAN
Supports CRT (via SDVO) and one 24-bit
LVDS, 4 x COM, 8 x USB, 1 x SATA II,
1 x LPT
Expansion slots for PCI-104
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - EB-581LF

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
EB-5ES-PSE-1 REDLION-EB-5ES-PSE-1 Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
EB-5ES-PSE-2SC REDLION-EB-5ES-PSE-2SC Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
EB-5ES-PSE-2ST REDLION-EB-5ES-PSE-2ST Datasheet
359Kb / 2P
5 Port Power Over Ethernet Industrial Switch
More results

Similar Description - EB-581LF

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSB200 ADL-MSB200 Datasheet
205Kb / 2P
3.5-inch Intel Atom 1.1GHz - 1.6GHz
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
COM-U15A2.0 AAEON-COM-U15A2.0 Datasheet
371Kb / 1P
COM Express CPU Module With Onboard Intel Atom Z530/Z510 Processors
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
3.5??SubCompact Board with Intel Atom Z5x0P Processor
NANOCOM-U15A2.0 AAEON-NANOCOM-U15A2.0 Datasheet
256Kb / 2P
COM Express Type 1 CPU Module With Onboard Intel Atom Z530/Z510 Processor
logo
BOSER Technology Co., L...
HS-4708 BOSER-HS-4708 Datasheet
102Kb / 1P
Intel Atom N270 processor Embedded Engine Board w/CF
logo
AAEON Technology
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
3.5??SubCompact Board With Onboard Intel Atom N270 Processor
GENE-LN05 AAEON-GENE-LN05 Datasheet
265Kb / 2P
3.5??SubCompact Board With Intel Atom N455/ D525 Processor
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
DFI Inc
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com