Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2802 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG2802
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2802 Datasheet(HTML) 2 Page - Microsemi Corporation

  SG2802 Datasheet HTML 1Page - Microsemi Corporation SG2802 Datasheet HTML 2Page - Microsemi Corporation SG2802 Datasheet HTML 3Page - Microsemi Corporation SG2802 Datasheet HTML 4Page - Microsemi Corporation SG2802 Datasheet HTML 5Page - Microsemi Corporation SG2802 Datasheet HTML 6Page - Microsemi Corporation SG2802 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SG2800 SERIES
Rev 1.6
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1)
Continuous Collector Current, I
C
(SG2800, 2820) ......................................................
(SG2810) ...............................................................
Operating Junction Temperature
Hermetic (J, L Packages) .........................................
Plastic (N
, DW Package) ...........................................
Storage Temperature Range ..........................
Lead Temperature (Soldering 10 sec.) .........................
Output Voltage, V
CE
(SG2800, 2810 series) ................................................
(SG2820 series) ..........................................................
Input Voltage, V
IN
(SG2802,3,4 series) ....................................................
Continuous Input Current, I
IN
........................................
50V
95V
30V
25mA
500mA
600mA
150
°C
150
°C
-65
°C to 150°C
300°C
Note 1. Values beyond which damage may occur.
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............... 70°C/W
N Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ..............
60°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............. 120°C/W
DW Package:
Thermal Resistance-Junction to Ambient,
θ
JA ............. 90°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Output Voltage, V
CE
SG2800, SG2820 series ..............................................
SG2810 series .............................................................
50V
95V
Peak Collector Current, I
C
SG2800, SG2820 series .........................................
SG2810 series ........................................................
Operating Ambient Temperature Range ........
350mA
500mA
-55
°C to 125°C
Note 2. Range over which the device is functional.
RECOMMENDED OPERATING CONDITIONS (Note 2)
SELECTION GUIDE
Device
V
CE Max
I
C Max
Logic Inputs
SG2801
50V
500mA
General Purpose
PMOS, CMOS
SG2802
50V
500mA
14V-25V PMOS
SG2803
50V
500mA
5V TTL, CMOS
SG2804
50V
500mA
6V-15V CMOS, PMOS
SG2811
50V
600mA
General Purpose
PMOS, CMOS
SG2812
50V
600mA
14V-25V PMOS
Device
V
CE Max
I
C Max
Logic Inputs
SG2813
50V
600mA
5V TTL, CMOS
SG2814
50V
600mA
6V-15V CMOS, PMOS
SG2815
50V
600mA
High Output TTL
SG2821
95V
500mA
General Purpose
PMOS, CMOS
SG2823
95V
500mA
5V TTL, CMOS
SG2824
95V
500mA
6V-15V CMOS, PMOS
RoHS Peak Package Solder Reflow Temp. (40 sec. max. exp.)..... 260°C (+0, -5)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com