Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0009 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0009
Description  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0009 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0009 Datasheet HTML 1Page - Solid States Devices, Inc PM0009 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
SYMBOL
UNITS
MIN
MAX
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25oC (Unless Otherwise Specified)
Discharge Voltage Drop (ID = 450A)
RATING
SYMBOL
MIN
MAX
UNIT
PACKAGE OUTLINE: ASPM
TJ= 25oC
TJ= 25oC
Charge Voltage Drop
VFC1
VFC2
VFC3
(IC = 75mA, TAMB = 25oC)
(IC = 60A, TAMB = 25oC)
(IC = 60A, TAMB = 100oC)
-
3.50
3.40
Volts
SPMR467-01
1.6
-
-
Insulation Resistance (All terminals to Base @1000V)
RINSUL1
1-
GS
Insulation Resistance (Between Cells @1000V)
RINSUL2
1-
GS
(TAMB = 25oC)
(TAMB = 100oC)
VFD1
VFD2
0.80
0.70
Volts
-
-
Discharge VF Matching
AVFD1
-
10
mVolts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com