Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40178 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB40178
Description  Single Chip 8-Bit A/D and 9-Bit D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40178 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB40178 Datasheet HTML 1Page - fujitsu semiconductor MB40178 Datasheet HTML 2Page - fujitsu semiconductor MB40178 Datasheet HTML 3Page - fujitsu semiconductor MB40178 Datasheet HTML 4Page - fujitsu semiconductor MB40178 Datasheet HTML 5Page - fujitsu semiconductor MB40178 Datasheet HTML 6Page - fujitsu semiconductor MB40178 Datasheet HTML 7Page - fujitsu semiconductor MB40178 Datasheet HTML 8Page - fujitsu semiconductor MB40178 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
MB40168/MB40178
(Continued)
• Digital Input/Output Interface
TTL Levels
• Power Supply Voltage
+ 5.0 V single power supply
• Power Dissipation
Typ. 350 mW
• Package Options
48-pin Plastic Shrink DIP/
44-pin Plastic QFP Package
s PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
V RIN
V REF
V RB
D.GND
A.GND
V CCD
V CCA
V RM
V INA
V CLMP
V OUTC
33
32
31
30
29
28
27
26
25
24
23
D D6
D D5
D D4
D D3
D D2
(MSB) D D1
(LSB) D A8
D A7
D A6
D A5
D A4
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
(TOP VIEW)
(TOP VIEW)
(FPT-44P-M11)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
D.GND
DACLK
(LSB) D D9
D D8
D D7
D D6
D D5
D D4
D D3
D D2
(MSB) D D1
NC
NC
NC
(LSB) D A8
D A7
D A6
D A5
D A4
D A3
D A2
(MSB) D A1
ADCLK
D.GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A.GND
V CCD
V CCA
A.OUT
COMP
V RIN
V REF
V RB
NC
D.GND
A.GND
V CCD
V CCD
V CCA
V CCA
V RM
V INA
V CLMP
V OUTC
V INC
V RT
V CCA
V CCD
A.GND
(DIP-48P-M01)
• MB40168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com