Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40528 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB40528
Description  1 Channel 8-bit A/D Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40528 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB40528 Datasheet HTML 1Page - fujitsu semiconductor MB40528 Datasheet HTML 2Page - fujitsu semiconductor MB40528 Datasheet HTML 3Page - fujitsu semiconductor MB40528 Datasheet HTML 4Page - fujitsu semiconductor MB40528 Datasheet HTML 5Page - fujitsu semiconductor MB40528 Datasheet HTML 6Page - fujitsu semiconductor MB40528 Datasheet HTML 7Page - fujitsu semiconductor MB40528 Datasheet HTML 8Page - fujitsu semiconductor MB40528 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
MB40528
s
PIN DESCRIPTION
Symbol
Pin No.
Type
Name & Function
Power Supply
VCC
13, 14, 18, 19
-
+5 V DC power supply pins.
GND
1, 11, 12, 20
-
Ground pins.
Clock
CLK
10
I
Clock input pin. The input voltage is a TTL level.
Analog Input
VINA
16
I
Analog signal input pin. The analog data to be converted is input to
this pin. The input voltage range is 3V to 5V (VRB to VCC).
Digidal Output
D1
9
O
8-bit resolution A/D converter outputs.
The output voltage is a TTL level.
Also, D1 pin is an MSB and D8 pin is a LSB.
D2
8
D3
7
D4
6
D5
5
D6
4
D7
3
D8
2
Refernce Voltage Output
VRB
17
O
Reference voltage output pin. This pin outputs 0.6 x VCC [V] (Typ.
3V). An 1
µF or more capacitor having superior frequency
characteristic should be connected to this pin. The capacitor must
be connected near the device.
Others
VRM
15
O
An intermediate voltage output pin. An intermediate voltage
between VCC and VRB (Typ. 4V) is output from this pin. Normally
this pin is left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com