Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0018 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0018
Description  RECTIFIER POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0018 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0018 Datasheet HTML 1Page - Solid States Devices, Inc PM0018 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.500
.62
1.60
.45±.03
2x Ø.125
2.250
.450
.06
.30
MAX
.030
.215
Ø.125
Ø.070
2x .250 MIN
.125
.005
CA
Forward Voltage
(TA = 25
oC)
SOLID STATE DEVICES, INC.
SPMR534
SERIES
ELECTRICAL CHARACTERISTICS (per Section)
RATING
SYMBOL
MIN
MAX
UNIT
IF = 1/2 Rated IF
IF = Rated IF
VF1
VF2
4.80
6.00
V
G
S
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Insulation Resistance
(All terminals to Base @VR = 1.5 Rated VR)
RINS
--
--
--
Ultra Fast
MIN
MAX
4.00
5.00
--
--
Fast
MIN
MAX
3.10
3.80
--
--
Standard
Reverse Leakage Current
(VR = Rated VR)
TA = 25
oC
TA = +100
oC
IR1
IR2
50
10
µA
mA
--
--
20
5.0
--
--
10
2.0
--
--
tRR
80
nsec
--
200
--
3000
--
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
1.00
--
1.00
--
1.00
PACKAGE OUTLINE:
Tolerances:
(Unless specified):
".03
".010
.XX
.XXX
CA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com