Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0022 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0022
Description  DIODE BRIDGE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0022 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0022 Datasheet HTML 1Page - Solid States Devices, Inc PM0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Max
Unit
Max Instantaneous Forward Voltage Drop
(IF = 0.75 Adc, TC = 25
oC, 300µs Pulse)
VF
6.0
V
Max Reverse Leakage Current
( VR = 2kV, TC = 25
o C)
IR1
5
µA
Max Reverse Leakage Current
( VR = 2kV, TC = 100
oC)
IR2
25
µA
Maximum Junction Capacitance
(f = 1 MHz, VR =10 V, TC = 25
oC)
CJ
20
pF
Maximum Pin to Ground Capacitance
(f = 1 MHz, VR =100 V, TC = 25
oC)
CB
30
pF
Maximum Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A, TC = 25ºC)
tRR
35
nsec
NOTES:
1.
Maximum forward voltage measured with instantaneous forward pulse of 300 µsec minimum.
2.
For information on curves, contact the Factory Representative for Engineering Assistance
PACKAGE OUTLINE:
TERMINAL
160-1512-XX-05
(CAMBION)
1.040
.785
.670
.010
.02
TOLERANCES:
(UNLESS OTHERWISE SPECIFIED)
.XX ±
.XXX ±
MARKING SURFACE
(2 PLACES)
E14
E12
E10
E8
E5
E3
E1
E13
E11
E9
E7
E2
.170
2.495
.220
.480
1.906
.220
4x .138-32 UNF-2B
HELICOIL INSERT
.315 MIN DEEP
.340
.260
2.325
2.655
2.125
.430
.260
4x .380
(=1.520)
12x .235
.178
6x .295
(=1.770)
2.437
2.201
.004
--A--
.550
SLOT
.063 WIDE x .040 DEEP
2 SIDES
1/
.008
A
.005
NOTE:
1/ Specified Flatness and Parallelism applies to
the area of 2.125 x 1.980” min.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA548-01
NOTE: All specifications are subject to change without notification.
SCD’s for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0022B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com