Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM30T28CAY Datasheet(PDF) 9 Page - STMicroelectronics

Part # SM30T28CAY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T28CAY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SM30T28CAY Datasheet HTML 4Page - STMicroelectronics SM30T28CAY Datasheet HTML 5Page - STMicroelectronics SM30T28CAY Datasheet HTML 6Page - STMicroelectronics SM30T28CAY Datasheet HTML 7Page - STMicroelectronics SM30T28CAY Datasheet HTML 8Page - STMicroelectronics SM30T28CAY Datasheet HTML 9Page - STMicroelectronics SM30T28CAY Datasheet HTML 10Page - STMicroelectronics SM30T28CAY Datasheet HTML 11Page - STMicroelectronics SM30T28CAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID022065 Rev 3
9/12
SM30TY
Package information
12
3
Package information
•
Case: JEDEC DO-214AB molded plastic over planar junction
•
Terminals: solder plated, solderable as per MIL-STD-750, Method 2026
•
Polarity: for unidirectional types the band indicates cathode
•
Flammability: epoxy is rated UL 94, V0
•
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 16. IPAK dimension definitions
Table 3. SMC dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.20
0.114
0.126
c
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059
E
C
L
E2
E1
D
A1
A2
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com