Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS07VB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIS07VB
Description  3A, 7A and 12A switching regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SIS07VB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIS07VB Datasheet HTML 1Page - List of Unclassifed Manufacturers SIS07VB Datasheet HTML 2Page - List of Unclassifed Manufacturers SIS07VB Datasheet HTML 3Page - List of Unclassifed Manufacturers SIS07VB Datasheet HTML 4Page - List of Unclassifed Manufacturers SIS07VB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power-One SIS series - Amplicon
3A, 7A and 12A switching regulators
Power-One SIS series
Thru-hole mount configuration
Single outputs, 3A, 7A and 12A versions
Efficiency in excess of 93%
Output over-current protection
Remote On/Off for system sequencing
Output voltage trim
SPECIFICATIONS
INPUT
Input voltage:
See product selector table
Turn-on input voltage:
4.3Vdc for 5Vdc nominal input 10.4Vdc for 12Vdc nominal input
Under voltage lockout:
4.19Vdc for 5Vdc nominal input 8.2Vdc for 12Vdc nominal input
Turn-on time:
15ms maximum into 100% resistive load
Inrush current:
0.04A²s
External capacitor, required:
4.7µF for 3A versions 100µF for 7A and 12A versions
OUTPUT
Output setpoint accuracy:
±1.5% Vout
Line regulation:
1% Vout
Load regulation:
0.5% Vout
Total output regulation:
3% Vout, all load, input voltage and temperature conditions
http://www.amplicon.co.uk/data/sisseries.html (1 of 5)24/03/2005 03:32:42 ã


Similar Part No. - SIS07VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SIS0100 SANYO-SIS0100 Datasheet
80Kb / 3P
Black and White Image Sensor Camera Module
logo
Adam Technologies, Inc.
SIS02T ADAM-TECH-SIS02T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
SIS08T ADAM-TECH-SIS08T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
More results

Similar Description - SIS07VB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Linear Technology
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com