Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281TLX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281TLX/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
MECHANICAL DATA
YPG0036xxx
www.ti.com
RLA36XXX (Rev A)
0.650±0.075
D
E
4214895/A
12/12
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
D: Max =
E: Max =
3.033 mm, Min =
3.033 mm, Min =
2.932 mm
2.932 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com