Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3677 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 2 Page - Texas Instruments

  LM3677 Datasheet HTML 1Page - Texas Instruments LM3677 Datasheet HTML 2Page - Texas Instruments LM3677 Datasheet HTML 3Page - Texas Instruments LM3677 Datasheet HTML 4Page - Texas Instruments LM3677 Datasheet HTML 5Page - Texas Instruments LM3677 Datasheet HTML 6Page - Texas Instruments LM3677 Datasheet HTML 7Page - Texas Instruments LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 1.0 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3677-
ADJ
VIN
2.7V to 5.5V
R1
R2
C1
C2
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 1.0 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3677
VIN
2.7V to 5.5V
LM3677
SNVS502E – MARCH 2007 – REVISED OCTOBER 2008
www.ti.com
TYPICAL APPLICATION CIRCUITS
Figure 1. Typical Application Circuit
Figure 2. Typical Application Circuit - ADJ. Version
Figure 3. Efficiency vs. Output Current
(VOUT = 1.8V)
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com