Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C338VPFV Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40C338VPFV
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338VPFV Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40C338VPFV Datasheet HTML 1Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS04-28221-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Video Applications
CMOS
3 ch 8-bit 162 MSPS A/D Converter
MB40C338V
s
s
s
s DESCRIPTION
MB40C338V is a high-speed 3 ch A/D converter using a fast CMOS technology.
s
s
s
s FEATURES
• Resolution
: 8 bit
• No. of A/D channels
: 3 ch
• Linearity error
:
±0.40 %(typical)
• Maximum conversion rate
: 162 MSPS (minimum)
• Power supply voltage
: 3.3 V (typical : internal circuit)
• Digital input voltage range
: TTL level
• Digital output voltage range
: 3.3 V CMOS level
• Video amp. input voltage range : 0.7 VP-P (typical)
• Video amp. gain
: 1.9 double fixed
• A/D input capacity
: 15 pF (typical)
• Power dissipation
: 1100 mW (typical)
• Additional features
: PLL circuit
Video amp. circuit (1.9 double fixed gain, OFF operation is possible)
CLAMP circuit
VRT AMP circuit (RGB 3 ch separate)
VRB AMP circuit (RGB 3 ch common)
Overflow output
High impedance output, power down function
• Package
: LQFP120 (16 mm
× 16 mm, lead pitch : 0.5 mm)
s
s
s
s PACKAGE
120-pin plastic LQFP
(FPT-120P-M21)


Similar Part No. - MB40C338VPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
MB40C338PFV FUJITSU-MB40C338PFV Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
More results

Similar Description - MB40C338VPFV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
logo
fujitsu semiconductor
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C338 FUJITSU-MB40C338 Datasheet
247Kb / 18P
3 ch 8-bit 162 MSPS A/D Converter
MB40C348 FUJITSU-MB40C348 Datasheet
252Kb / 19P
3 ch 8-bit 100 MSPS A/D Converter
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
TV/VCR D/A Converter (3 ch, 8 bit)
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com