Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C348V Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB40C348V
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348V Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB40C348V Datasheet HTML 1Page - fujitsu semiconductor MB40C348V Datasheet HTML 2Page - fujitsu semiconductor MB40C348V Datasheet HTML 3Page - fujitsu semiconductor MB40C348V Datasheet HTML 4Page - fujitsu semiconductor MB40C348V Datasheet HTML 5Page - fujitsu semiconductor MB40C348V Datasheet HTML 6Page - fujitsu semiconductor MB40C348V Datasheet HTML 7Page - fujitsu semiconductor MB40C348V Datasheet HTML 8Page - fujitsu semiconductor MB40C348V Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MB40C348V
4
(Continued)
Note: The values in parentheses are standard.
Pin No.
Symbol
Description
99
EXPCLKB
Differential clock (negative-phase) input pin for A/D converter
Fix to “H” level when unused.
PECL level
100
EXPCLK
Differential clock (positive-phase) input pin for A/D converter
Fix to “L” level when unused.
8
PCLP
Clamp pulse input pin
113
RREF
Internal current setting pin (Add 12 k
Ω for AVss)
103
DSYNC
Delay sync signal output pin
102
DSYNCB
Inverted delay sync signal output pin
95
CLK
Clock output pin (See “ s TIMING DIAGRAM ”.)
94
CLKB
97
ADCLKA
96
ADCLKB
83 to 90
61 to 68
39 to 46
RDA7 to RDA0
GDA7 to GDA0
BDA7 to BDA0
Digital output pin (Port A)
RDA7, GDA7, BDA7 : MSB
RDA0, GDA0, BDA0 : LSB
71 to 78
51 to 58
29 to 36
RDB7 to RDB0
GDB7 to GDB0
BDB7 to BDB0
Digital output pin (Port B)
RDB7, GDB7, BDB7 : MSB
RDB0, GDB0, BDB0 : LSB
101
COUT
PLL counter output pin
115
LPF
External capacitor / resistor connection pin
117
HHOLD
Phase detector operation is hold by input “H” level
118
HSYNC
Horizontal sync signal input pin
7VREF
Internal voltage output pin (Add 3.3 µF for AVss)
104
OF
Overflow output pin (“H” level output at overflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com