Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C360 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB40C360
Description  20 MHz 10-bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C360 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB40C360 Datasheet HTML 1Page - fujitsu semiconductor MB40C360 Datasheet HTML 2Page - fujitsu semiconductor MB40C360 Datasheet HTML 3Page - fujitsu semiconductor MB40C360 Datasheet HTML 4Page - fujitsu semiconductor MB40C360 Datasheet HTML 5Page - fujitsu semiconductor MB40C360 Datasheet HTML 6Page - fujitsu semiconductor MB40C360 Datasheet HTML 7Page - fujitsu semiconductor MB40C360 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MB40C360
s PIN ASSIGNMENT
s PIN DESCRIPTION
Note: The values in parentheses are standard.
Pin No.
Symbol
Description
14, 18, 24
AVDD
Analog power supply (+3.0 V)
13
DVDD
Digital power supply (+3.0 V)
15, 17, 23
AVSS
Analog power supply ground pin (0 V)
1DVSS
Digital power supply ground pin (0 V)
2, 3, 4, 5, 6
7, 8, 9, 10, 11
D0 to D9
Digital output pin (D0: LSB, D9: MSB)
12
CLK
Clock input pin (3 V CMOS input)
20
VINA
A/D converter analog input pin
Input range is VRB to VRT (0 V to 2.0 V: standard)
19
VRT
Reference voltage input pin on top side (2.0 V: standard)
21
VRB
Reference voltage input pin on bottom side (0 V: standard)
22
CE
Chip enable input pin
Input high signal brings standby state. Input low signal brings operation state.
16
OE
Output enable input pin
Input high signal readies digital output high-impedance state.
Input low signal induces digital output state.
DVSS
D0
D1
D2
D3
D4
D5
D6
D7
AVDD
AVSS
CE
VRB
VINA
VRT
AVDD
AVSS
OE
(LSB)
(MSB)
AVSS
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
D8
D9
CLK
AVDD
DVDD
11
12
13
14
(TOP VIEW)
(FPT-24P-M03)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com