Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C368 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40C368
Description  A/D Converter (1-channel, 8-bit, 18MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C368 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40C368 Datasheet HTML 2Page - fujitsu semiconductor MB40C368 Datasheet HTML 3Page - fujitsu semiconductor MB40C368 Datasheet HTML 4Page - fujitsu semiconductor MB40C368 Datasheet HTML 5Page - fujitsu semiconductor MB40C368 Datasheet HTML 6Page - fujitsu semiconductor MB40C368 Datasheet HTML 7Page - fujitsu semiconductor MB40C368 Datasheet HTML 8Page - fujitsu semiconductor MB40C368 Datasheet HTML 9Page - fujitsu semiconductor MB40C368 Datasheet HTML 10Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
MB40C368
s PACKAGE DIMENSIONS
(Continued)
+0.40
–0.20
+.016
–.008
+0.05
–0.02
+.002
–.001
+0.25
–0.20
+.010
–.008
13.97(.550)REF
1.27(.050)
TYP
INDEX
6.80
.268
0.15
.006
15.24
.600
(.307±.016)
(.209±.012)
(.018±.004)
(STAND OFF)
(.020±.008)
0.50±0.20
5.30±0.30
7.80±0.40
0.05(.002)MIN
2.25(.089)MAX
0.45±0.10
Details of "A" part
0.50(.020)
0.20(.008)
0.18(.007)MAX
0.68(.027)MAX
"A"
M
Ø0.13(.005)
0.10(.004)
1994 FUJITSU LIMITED F24007S-3C-4
C
(MOUNTING HEIGHT)
Dimensions in mm (inches).
24-pin, Plastic SOP
(FPT-24P-M01)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com