Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA0033 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0033
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0033 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0033 Datasheet HTML 1Page - Solid States Devices, Inc RA0033 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
Average Output Current 15 Amps
PIV 50 to 1000 Volts
Max Thermal Resistance 1.5oC/Watt
Glass Passivated Rectifier Cells
Hermetically Sealed
Choice of Three Terminal Configurations
SSDI introduces a new and complete series of Ultra Fast
Recovery Doublers and Center Tap Rectifier Circuits.
Designed in cast aluminum cases to provide maximum
thermal conductivity and simple installation.
SDA180A – SD180G
Series
15 AMPS
50 - 1000 VOLTS
RECTIFIER ASSEMBLY
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SDA180A
SDA180B
SDA180C
SDA180D
SDA180E
SDA180F
SDA180G
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Average DC Output Current
TA = Ambient Temp (No Heat Sink) =55oC
IO(DC)
See table
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25oC)
IFSM
150
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
1.5
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0033A
DOC


Similar Part No. - RA0033

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0033 SSDI-RA0033_15 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
More results

Similar Description - RA0033

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
RA0103A SSDI-RA0103A Datasheet
74Kb / 2P
Rectifier Assembly
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com