Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40C938VPFV Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C938VPFV
Description  20 MSPS 3ch 8-bit D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C938VPFV Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C938VPFV Datasheet HTML 1Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C938VPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
MB40C938V
s PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
4 to 11
12 to 19
20 to 27
R0 to R7
G0 to G7
B0 to B7
I
Data signal incoming terminal for Rch, Gch and Bch
LSB: R0, G0, B0
MSB: R7, G7,B7
28
29
30
RCLK
GCLK
BCLK
I
Clock signal incoming terminal for Rch, Gch and Bch (3 V CMOS)
47
CE
I
Power saving signal incoming terminal. Power saving enabled for High
48
DVDD
—
Digital power supply terminal (standard 3 V)
40, 46
AVDD
—
Analog power supply terminal (standard 3 V)
31
DVSS
—
Digital ground terminal
42, 44
AVSS
—
Analog ground terminal
36
VROUT
O
Rererence voltage output terminal (standard: 1.2 V )
1
37
35
RVRIN
GVRIN
BVRIN
I
Reference voltage incoming terminal for Rch, Gch and Bch
(standard: 1.2 V )
2
39
34
RIREF
GIREF
BIREF
—
Reference resistor connection terminal for Rch, Gch and Bch
3
38
33
RVB
GVB
BVB
—
Connect >0.1
µF capacitor to the AVDD terminal
45
43
41
ROUT
GOUT
BOUT
O
Analog signal output terminals for Rch, Gch and Bch
32
N.C.
—
Not connected. To be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com