Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX432AM-L Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX432AM-L
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM-L Datasheet(HTML) 2 Page - Sipex Corporation

  SPX432AM-L Datasheet HTML 1Page - Sipex Corporation SPX432AM-L Datasheet HTML 2Page - Sipex Corporation SPX432AM-L Datasheet HTML 3Page - Sipex Corporation SPX432AM-L Datasheet HTML 4Page - Sipex Corporation SPX432AM-L Datasheet HTML 5Page - Sipex Corporation SPX432AM-L Datasheet HTML 6Page - Sipex Corporation SPX432AM-L Datasheet HTML 7Page - Sipex Corporation SPX432AM-L Datasheet HTML 8Page - Sipex Corporation SPX432AM-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Cathode-Anode Reverse Breakdown V
KA ....................................... 20V
Anode-Cathode Forward Current, (<10ms) I
AK ................................. 1A
Operating Cathode Current I
KA .................................................... 80mA
Reference Input Current I
REF .......................................................... 1mA
Continuous Power Dissipation at 25°C P
D
TO-92 ..................................................................... 775mW
SOT-23 .................................................................. 200 mW
SOIC-8 .................................................................... 750mW
Junction Temperature T
J ........................................................... 150 °C
Storage Temperature T
STG .......................................... -65°C to 150 °C
Lead Temperature (Soldering 10 sec.) T
L .................................. 300°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Electrical characteristics are guaranted over the full junction temperature range (0
°C to 105°C). Ambient temperature must
be derated based upon power dissipation and package thermal characteristics. Unless otherwise specified, test conditions are:
V
KA = VREF and IK = 10mA.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CIRCUIT
SPX432A
SPX432
Output Voltage
VREF
3a
1.2338
1.240
1.2462
1.2276
1.240
1.2524
V
Temperature Deviation
VREF
3a
0 < TJ < 105°C12
20
1220
mV
Line Regulation
VREF
3b
VKA = 1.25V to 15V
19
37
19
37
mV
Load Regulation
VREF
3a
IK = 1mA to 80mA
12
30
12
30
mV
Reference Input Current
IREF
3b
3
6
36
µA
Reference Input Current
IREF
3b
0 < TJ < 105°C,
0.3
0.6
0.3
0.6
µA
Temperature Coefficient
Minimim Cathode
IK(MIN)
3a
0.6
1
0.6
1
mA
Current for Regulation
Off State Leakage
IK(MIN)
3c
VREF = 0V,
0.04
500
0.04
500
nA
VKA = 18V
RECOMMENDED CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Cathode Voltage
VKA
VREF to 18
V
Cathode Current
IK
10
mA
TYPICAL THERMAL RESISTANCES
PACKAGE
0JA
0JC
TYPICAL
DERATING
TO-92
160°C/W
80°C/W
6.3mW/°C
SOT-23
575°C/W 150°C/W
1.7 mW/°C
SOIC-8
175°C/W
45°C/W
5.7mW/°C
Typical deratings of the thermal resistances are given for ambient
temperature >25°C.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com