Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM4560L Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM4560L
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM4560L Datasheet(HTML) 1 Page - New Japan Radio

  NJM4560L Datasheet HTML 1Page - New Japan Radio NJM4560L Datasheet HTML 2Page - New Japan Radio NJM4560L Datasheet HTML 3Page - New Japan Radio NJM4560L Datasheet HTML 4Page - New Japan Radio NJM4560L Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM4560
- 1 -
Ver.2011-12-12
DUAL OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM4560 integrated circuit is a high-gain, wide
bandwidth, dual operational amplifier capable of driving 20V
peak-to-peak into 400Ω loads. The NJM4560 combines
many of the features of the NJM4558 as well as providing the
capability of wider bandwidth, and higher slew rate make the
NJM4560 ideal for active filters, data and telecommunications,
and many instrumentation applications. The availability of the
NJM4560 in the surface mounted micro-package allows the
NJM4560 to be used in critical applications requiring very high
packing densities.
■ FEATURES
● Operating Voltage
( ±4V~±18V )
● Wide Gain Bandwidth Product
( 10MHz typ. )
● Slew Rate
( 4V/μs typ. )
● Package Outline
DIP8, DMP8, SIP8, SOP8 JEDEC 150mil
● Bipolar Technology
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT ( 1/2 Shown )
NJM4560D
( DIP8)
NJM4560M
( DMP8 )
NJM4560E
( SOP8 )
NJM4560L
( SIP8 )
PIN FUNCTION
1. A OUTPUT
2. A - INPUT
3. A +INPUT
4. V
-
5. B +INPUT
6. B - INPUT
7. B OUTPUT
8. V
+
8
7
6
5
1
2
3
4
A
B
( Top View )
NJM4560D, NJM4560M, NJM4560E
A
B
1
2
34
56
7
8
NJM4560L
- INPUT
V +
OUTPUT
+ INPUT
V -


Similar Part No. - NJM4560L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4560L NJRC-NJM4560L Datasheet
226Kb / 5P
DUAL OPERATIONAL AMPLIFIER?
More results

Similar Description - NJM4560L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com