Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUT11AF Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BUT11AF
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUT11AF Datasheet(HTML) 2 Page - Savantic, Inc.

  BUT11AF Datasheet HTML 1Page - Savantic, Inc. BUT11AF Datasheet HTML 2Page - Savantic, Inc. BUT11AF Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUT11F BUT11AF
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUT11F
400
VCEO(SUS)
Collector-emitter
sustaining voltage
BUT11AF
IC=0.1A; IB=0
450
V
BUT11F
IC=3A; IB=0.6A
VCEsat
Collector-emitter
saturation voltage
BUT11AF
IC=2.5A; IB=0.5A
1.5
V
BUT11F
IC=3A; IB=0.6A
VBEsat
Base-emitter
saturation voltage
BUT11AF
IC=2.5A; IB=0.5A
1.3
V
BUT11F
VCE=850V ;VBE=0
ICES
Collector
cut-off current
BUT11AF
VCE=1000V ;VBE=0
1.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
10
mA
hFE-1
DC current gain
IC=5mA ; VCE=5V
10
35
hFE-2
DC current gain
IC=0.5A ; VCE=5V
10
35
Switching times resistive load
ton
Turn-on time
1.0
µs
ts
Storage time
4.0
µs
tf
Fall time
IC=2.5A; IB1=- IB2=0.5A
VCC=250V;RL=100B
0.8
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com