Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3554 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 1 Page - Texas Instruments

  LM3554 Datasheet HTML 1Page - Texas Instruments LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
LM3554 Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C-
Compatible Interface
Check for Samples: LM3554
1
FEATURES
•
Dual Synchronization Inputs for RF Power
Amplifier Pulse Events
2
•
Dual High Side Current Sources
•
Open and Short LED Detection
•
Grounded Cathode Allowing for Better Heat
•
Active High Hardware Enable for Protection
Sinking and LED Routing
Against System Faults
•
>90% Efficiency
•
400kHz I2C-Compatible Interface
•
Ultra-Small Solution Size: < 23mm2
•
16-Bump (1.7mm × 1.7mm × 0.6mm) micro
•
Four Operating Modes: Torch, Flash, LED
SMD
Indicator and Voltage Output
•
Accurate and Programmable LED Current from
APPLICATIONS
37.5mA to 1.2A
•
Camera Phone LED Flash Controller
•
Programmable 4.5V or 5.0V Constant Output
•
Class D Audio Amplifier Power
Voltage
•
LED Current Source Biasing
•
Hardware Flash and Torch Enable
•
LED Thermal Sensing and Current Scaleback
•
Software Selectable Input Voltage Monitor
•
Programmable Flash Timeout
DESCRIPTION
The LM3554 is a 2MHz fixed frequency, current mode synchronous boost converter. The device is designed to
operate as a dual 600mA (1.2A total) constant-current driver for high-current white LEDs, or as a regulated 4.5V
or 5V voltage source.
The dual high-side current sources allow for grounded cathode LED operation. An adaptive regulation method
ensures the current source for each LED remains in regulation and maximizes efficiency.
The main features include: an I2C-compatible interface for controlling the LED current or the desired output
voltage, a hardware Flash enable input for direct triggering of the Flash pulse, and dual TX inputs which force the
Flash pulse into a low-current Torch mode allowing for synchronization to RF power amplifier events or other
high-current conditions. Additionally, an active high hardware enable (HWEN) input provides a hardware
shutdown during system software failures.
Five protection features are available within the LM3554 including a software selectable input voltage monitor, an
internal comparator for interfacing with an external temperature sensor, four selectable current limits to ensure
the battery current is kept below a predetermined peak level, an over-voltage protection feature to limit the output
voltage during LED open circuits, and an output short circuit protection which limits the output current during
shorts to GND. Additionally, the device provides various fault indicators including: a thermal fault flag indicating
the LED temperature has tripped the thermal threshold, a flag indicating a TX event has occurred, a flag
indicating the flash timeout counter has expired, a flag indicating the devices die temperature has reached the
thermal shutdown threshold, and a flag indicating an open or short LED.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3554

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
Synchronous Boost Con
logo
Texas Instruments
LM3554 TI1-LM3554 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3554TME/NOPB TI1-LM3554TME/NOPB Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3554TMX/NOPB TI1-LM3554TMX/NOPB Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
More results

Similar Description - LM3554

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Analog Devices
LT8338 AD-LT8338 Datasheet
1Mb / 20P
40V, 1.2A Micropower Synchronous Boost Converter with PassThru
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com