Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POS-6920-PPC Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # POS-6920-PPC
Description  The Fanless 15" True Flat Touch Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

POS-6920-PPC Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  POS-6920-PPC Datasheet HTML 1Page - Protech Systems Co., Ltd. POS-6920-PPC Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Fanless 15" True Flat Touch Panel PC
Front View
Side View
IO View
POS-6920-PPC
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
2 x DB-9 (COM 2/3), 1 x RJ45 (COM 1),+5V/12V
selectable
CPU Support
Intel® Atom™ D525 CPU
Memory
1 x DDR3 SO-DIMM Slot, Default 1GB (up to 4GB)
Core Logic
Intel® ICH8M
Network
10/100/1000 Base-T Fast Ethernet
Power Supply
72Watt power adapter
System Weight
5 kg
Dimension (W x H x D) 369 x 299 x 58.6 mm (14.53" x 11.77" x 2.31")
O.S. Support
HDD
1 x 2.5" SATA HDD
SSD
Optional Half-Slim SSD
CF
Bootable Compact Flash slot for CF type I/II storages
USB
4 x USB 2.0 ports / 1 x USB 2.0 on side bezel
Serial Ports
PS/2
1 x PS/2 ports (default at keyboard)
LAN
1 x RJ-45
VGA
1 x DB-15 VGA interface
Cash Drawer
1 x RJ11 (+12V or +24V selectable)
(default at +12V)
LCD
15" TFT LCD
Max. Resolution
1024 x 768
Brightness
250 cd/m²
Touch Screen
True Flat 5-wire Analog resistive
Tilt Angle
0 ~ 60 degrees
EMC & Safety
CE / FCC
Operating Temp.
0 ~ 35° C
Storage Temp.
-20 ~ 60° C
Humidity
20 ~ 90%
POSReady2009 / POSReady7 / WINXP / WIN7
PA-6151RA-A2B
POS-6920-PPC with ELO True Flat Resistive
Touch, 72W Power Adaptor
PA-6151RZ-23A
DDR3 2G / 2.5” HDD
PA-3151RZ-51B
MSR, JIS-I or II, ISO Track1+2+3 (PS/2
interface)
PA-6151RZ-32A
ISO,14443A, Mifare® Class / UrtraLight ,Mifare®
PRO, DESfire, DESfire EV1(PS/2 interface)
PA-6151RZ-33B
Fingerprint(USB interface)
PA-6151RZ-41B
Vacuum Fluorescent Display, 20 columns and 2
lines, each column is 5 x 7 dots
PA-6151RZ-43B
10.4" 2nd Display (800 x 600)
Color
Black
OS
POSReady2009 / POSReady7 / WINXP / WIN7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com