Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-7915F Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # PPC-7915F
Description  Fanless and Low Power Atom N270 Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7915F Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  PPC-7915F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7915F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PPC-7915F /
PPC-7917F /
PPC-7919F
Fanless and Low Power
Atom N270 Panel PC
Intel
® ATOM N270 CPU on board
Supports Intel
® 945GSE + ICH7M
Chipset
Totally fanless and quiet design
Low power consumption and
economical solution
On-board IDE interface, Type II
Compact Flash slot
Optional slim SATA CD-ROM drive
24V DC power support, optional
power adaptor for AC power
Stainless steel front bezel
Optional PCI slot (2 slots)
Features and Benefits:
PPC
F
nless
a
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - PPC-7915F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7915F PROTECHSYSTEMS-PPC-7915F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
PPC-7915F PROTECHSYSTEMS-PPC-7915F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
More results

Similar Description - PPC-7915F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7365F PROTECHSYSTEMS-PPC-7365F Datasheet
744Kb / 2P
Fanless and Low Power Panel PC
logo
Advantech Co., Ltd.
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
logo
BOSER Technology Co., L...
BPF-3312-Z BOSER-BPF-3312-Z Datasheet
360Kb / 1P
12.1 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3315-Z BOSER-BPF-3315-Z Datasheet
230Kb / 1P
15 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3317-Z BOSER-BPF-3317-Z Datasheet
304Kb / 1P
17 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3319-Z BOSER-BPF-3319-Z Datasheet
301Kb / 1P
19 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
logo
Protech Systems Co., Lt...
PPC-7915F PROTECHSYSTEMS-PPC-7915F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
PPC-7917F PROTECHSYSTEMS-PPC-7917F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
logo
Advantech Co., Ltd.
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com