Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0041B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0041B
Description  RECTIFIER PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0041B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0041B Datasheet HTML 1Page - Solid States Devices, Inc RC0041B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDR047/01__
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
SDR047/01
0.5 AMP
5000 Volts
180 nsec
Vf MATCHED HIGH VOLTAGE
RECTIFIER PAIR
Features:
• Matched diode Pair within 5% of Vf
• Fast Recovery: 180 nsec Max.
• PIV 5000 Volts
• Hermetically Sealed
• Metallurgically Bonded Construction
• 175°C Maximum Operating Temperature
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
VRRM
VRWM
VR
5000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 55ºC)
Io
500
mAmps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TC = 25ºC)
IFSM
25
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
18
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Leaded
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0041B
DOC


Similar Part No. - RC0041B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0041B SSDI-RC0041B_15 Datasheet
113Kb / 2P
Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
More results

Similar Description - RC0041B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H23A1 FAIRCHILD-H23A1 Datasheet
307Kb / 5P
PLASTIC SIDELOOKER PAIR
logo
Solid States Devices, I...
SDR047-01 SSDI-SDR047-01 Datasheet
113Kb / 2P
Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
M/A-COM Technology Solu...
MADP-000208 MA-COM-MADP-000208_15 Datasheet
109Kb / 4P
PIN Diode Pair
logo
Solid States Devices, I...
RC0041B SSDI-RC0041B_15 Datasheet
113Kb / 2P
Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
Knowles Electronics
EK-27405-000 KNOWLES-EK-27405-000 Datasheet
93Kb / 1P
MICROPHONE PAIR
EM-23897-S05 KNOWLES-EM-23897-S05 Datasheet
62Kb / 1P
MICROPHONE PAIR
EM-26425-C79 KNOWLES-EM-26425-C79 Datasheet
68Kb / 1P
MICROPHONE PAIR
EM-26734-D34 KNOWLES-EM-26734-D34 Datasheet
112Kb / 1P
MICROPHONE PAIR
EM-27902-C38 KNOWLES-EM-27902-C38 Datasheet
84Kb / 1P
MICROPHONE PAIR
logo
SHIKUES Electronics
MMDT2227 SKTECHNOLGY-MMDT2227 Datasheet
1Mb / 4P
Complementary Pair
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com