Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP411LSA Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 48-Pin TQFN (ZB)
All trademarks are property of their respective owners.
Note:
1.For latest package info, please check: http://www.pericom.com/support/packaging/packaging-mechanicals-and-thermal-characteristics
2.The exposed die paddle size is 3.6x3.6mm for PI3VDP411LSAZBE
3. Pad size (D2 * E2) is 157 x 157 mm
DESCRIPTION: 48-Pin, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZB48
DOCUMENT CONTROL #: PD-2080
REVISION: A
DATE: 02/11/09
UNIT: mm
Notes:
1. All dimensions are in millimeters, angles are in degrees.
2. Coplanarity applies to the exposed thermal pad as well as the terminals.
3. Refer JEDEC MO-220
4. Recommended land pattern is for reference only.
5. Thermal pad soldering area
09-0091
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com