Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0057C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0057C
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0057C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0057C Datasheet HTML 1Page - Solid States Devices, Inc RC0057C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0057C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR9JUF & UFSMS
thru
SDR9MUF & UFSMS
Electrical Characteristics
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(300-500 µs pulse)
IF = 3A, TA = 25ºC
IF = 9A, TA = 25ºC
IF = 9A, TA = -55ºC
VF1
VF2
VF3
---
---
---
1.50
1.90
2.10
Vdc
Reverse Leakage Current
(Rated VR, 300 µs pulse minimum)
TA = 25ºC
TA = 100ºC
IR1
IR2
---
---
10
250
μA
Junction Capacitance
(VR = 10 V, TA = 25ºC, f = 1MHz)
CJ
---
80
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A, TA = 25ºC)
trr
---
70
nsec
Case Outline: Axial
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
A
---
0.170”
B
0.210”
0.250”
C
0.037”
0.043”
D
1.00”
---
Case Outline: SMS
DIMENSIONS
DIM
MIN
MAX
A
0.170”
0.180”
B
0.260”
0.300”
C
0.020”
0.030”
D
0.002”
---
Notes:
Consult manufacturing for operating curves.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com