Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0065 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0065
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0065 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0065 Datasheet HTML 1Page - Solid States Devices, Inc RC0065 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR1510
SDR1512
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RC0065A
DATA SHEET #:
15 AMPS
1000 - 1200 VOLTS
75 nsec
ULTRA FAST
RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
DC Blocking Voltage
15
Amps
Io
VRRM
VRWM
VR
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA =25
oC)
150
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
1000
1200
Maximum Thermal Resistance
Junction to Case
1.4
0.8
oC/W
RθθθθθJC
oC
-65 TO +175
TOP & Tstg
Operating and Storage Temperature
Volts
SDR1510JUF & S.5UF
SDR1512JUF & S.5UF
• Ultra Fast Recovery: 75nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Custom Lead Forming Available
• Eutectic Die Attach
• TX, TXV and Space Level Screening Available
TO-257(J)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Available in Following Configurations:
Rectifier:
SDR1510JUF, SDR1510JUFDB, SDR1510JUFUB, and SDR1510S.5UF
SDR1512JUF, SDR1512JUFDB, SDR1512JUFUB, and SDR1512S.5UF
SMD.5(S.5)
TO-257 (J)
SMD.5 (S.5)
Isolated
Hot Case


Similar Part No. - RC0065

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
More results

Similar Description - RC0065

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com