Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0068 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0068
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0068 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0068 Datasheet HTML 1Page - Solid States Devices, Inc RC0068 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RC0068A
DATA SHEET #:
24AMPS
1200 VOLTS
65 nsec
ULTRAFAST
CENTERTAP RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
DC Blocking Voltage
24
Amps
Io
VRRM
VRWM
VR
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA =25oC) 1/
75
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TC = 55oC, IO = 12A) 2/
1000
1200
Maximum Thermal Resistance
Junction to Case, 1/
Junction to Case, 2/
1.2
2.4
o
C/W
R00000JC
o
C
-65 TO +200
TOP & Tstg
Operating and Storage Temperature
Volts
SDR2410CTM
SDR2412CTM
• Ultra Fast Recovery: 65 nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Ultrasonic Aluminum Wire Bonds
• Ceramic Seal for Improved Hermeticity Available
• Common Anode and Doubler Versions Available
• TX, TXV and Space Level Screening Available
TO-254Z (Z)
TO-254 (M)
NOTE:
1/
Both Legs Tied Together
2/
Per Leg.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SDR2410CTM
SDR2412CTM


Similar Part No. - RC0068

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0068 SSDI-RC0068_15 Datasheet
100Kb / 2P
ULTRAFAST CENTERTAP RECTIFIER
More results

Similar Description - RC0068

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
RH0145 SSDI-RH0145_15 Datasheet
229Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com