Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0087C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0087C
Description  SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0087C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0087C Datasheet HTML 1Page - Solid States Devices, Inc RC0087C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Max
Units
Maximum Forward Voltage Drop 5/
IF1 = 1.0 mA
IF2 = 35 mA
VF1
VF2
0.41
1.00
V
Maximum Reverse Leakage Current 5/
VR1 = 15 V
VR2 = 20 V
IR1
IR2
100
10
nA
μA
Max Output Capacitance
VR = 0 V, f = 1 MHz
CJ
2
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @ 25°C.
5/ Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
Available Part Numbers:
SDR5712A2GW
PIN ASSIGNMENT (Standard)
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Gullwing
C1
--
A1
C2
--
A2
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR5712A2GW
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0087C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com