Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0095 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0095
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0095 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0095 Datasheet HTML 1Page - Solid States Devices, Inc RC0095 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
`
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SHA2952TX
20A 35nsec 400 V
Hyper Fast Positive Centertap
Rectifier
Features:
• Hyper Fast Recovery: 35nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed
• Eutectic Die Attach
• Enhanced Replacement for UES2604-06 series
• High Reliability Device, Screened to
25 Temperature Cycles (-55 to +175oC) and
48 hrs of HTRB (320V, 150oC)
Maximum Ratings, per leg
Symbol
Value
Units
Peak Repetitive Reverse Voltage
VRRM
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 100 °C)
Total
Io
20
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
Per Leg
Both Legs Tied
RθJC
2.4
1.2
ºC/W
SHA2952TX HiRel Screening per MIL-PRF-19500, Table IV, JANTX level:
-
Temperature Cycling i.a.w. MIL-STD-750 Method 1051 Condition C
-
High Temperature Reverse Bias i.a.w. MIL-STD-750 Method 1038, 48 hrs minimum
-
Hermeticity i.a.w. MIL-STD-750 Method 1071
Notes: 1/ per leg
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0095B
DOC


Similar Part No. - RC0095

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0095 SSDI-RC0095_15 Datasheet
138Kb / 2P
Hyper Fast Positive Centertap Rectifier
More results

Similar Description - RC0095

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com