Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3DIPFP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 47Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 48Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 49Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 50Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Table 31. Bus Request Speed Encoding
LR6–LR9
DATA RATE
0000
S100
0001
Reserved
0010
S200
0011
Reserved
0100
S400
0101
Reserved
0110
S800
All Others
Invalid
NOTE:
The TSB41BA3D accepts a bus request with an invalid speed code and processes
the bus request normally. However, during packet transmission for such a request, the
TSB41BA3D ignores any data presented by the LLC and transmits a null packet.
For a read register request, the length of the LREQ bit stream is 10 bits as shown in Table 32.
Table 32. Read Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1010 indicates this is a read register request.
5–8
Address
Identifies the address of the PHY register to be read
9
Stop bit
Indicates the end of the transfer (always 0)
For a write register request, the length of the LREQ bit stream is 18 bits as shown in Table 33.
Table 33. Write Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1011 indicates this is a write register request.
5–8
Address
Identifies the address of the PHY register to be written
9–16
Data
Gives the data that is to be written to the specified register address
17
Stop bit
Indicates the end of the transfer (always 0)
For a link notification request, the length of the LREQ bit stream is 6 bits as shown in Table 34.
Table 34. Link Notification Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–4
Request type
A 1100, 1101, or 1110 indicates this is a link notification request
5
Stop bit
Indicates the end of the transfer (always 0)
For fair or priority access, the LLC sends a bus request at least one clock after the PHY-LLC interface becomes
idle. The PHY queues all bus requests and can queue one request of each type. If the LLC issues a different
request of the same type, then the new request overwrites any nonserviced request of that type. On the receipt
(CTL terminals are asserted to the receive state, 10b) of a packet, queued requests are not cleared by the PHY.
The cycle master node uses a cycle start request (Cyc_Start_Req) to send a cycle start message. After receiving
or transmitting a cycle start message, the LLC can issue an isochronous bus request (IsoReq). The PHY clears
an isochronous request only when the serial bus has been won.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com