Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3BTPFPEP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3BTPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3BTPFPEP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSB41BA3BTPFPEP Datasheet HTML 40Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 41Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
TSB41BA3BEP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS362—MAY 2006
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
transmit (continued)
The sequence of events for a normal packet transmission is as follows:
(a) Transmit operation initiated. The PHY asserts grant on the CTL lines followed by idle to hand over control
of the interface to the link so that the link can transmit a packet. The PHY releases control of the interface
(that is, it places its CTL and D outputs in a high-impedance state) following the idle cycle.
(b) Optional idle cycle. The link can assert at most one idle cycle preceding assertion of either hold or transmit.
This idle cycle is optional; the link is not required to assert idle preceding either hold or transmit.
(c) Optional hold cycles. The link can assert hold for up to 47 cycles preceding assertion of transmit. These
hold cycle(s) are optional; the link is not required to assert hold preceding transmit.
(d) Transmit data. When data is ready to be transmitted, the link asserts transmit on the CTL lines along with
the data on the D lines.
(e) Transmit operation terminated. The transmit operation is terminated by the link asserting hold or idle on the
CTL lines. The link asserts hold to indicate that the PHY is to retain control of the serial bus in order to
transmit a concatenated packet. The link asserts idle to indicate that packet transmission is complete and
the PHY can release the serial bus. The link then asserts idle for one more cycle following this hold or idle
cycle before releasing the interface and returning control to the PHY.
(f) Concatenated packet speed code. If multispeed concatenation is enabled in the PHY, then the link asserts
a speed code on the D lines when it asserts hold to terminate packet transmission. This speed code
indicates the transmission speed for the concatenated packet that is to follow. The encoding for this
concatenated packet speed code is the same as the encoding for the received packet speed code (see
Table 21). The link may not concatenate an S100 packet onto any higher-speed packet.
(g) After regaining control of the interface, the PHY asserts at least one idle cycle before any subsequent status
transfer, receive operation, or transmit operation.
00
00
00
00
(e)
(d)
(c)
(b)
(a)
01
00
00
00
11
D0–D7
CTL0, CTL1
SYSCLK
00
Link Controls CTL and D
PHY High-Impedance CTL and D Outputs
Figure 18. Cancelled/Null Packet Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com