| Electronic Components Datasheet Search |
|
TSB41AB3IPFPEP Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41AB3IPFPEP Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 56 page ![]() TSB41AB3EP IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER SGLS122C − JULY 2002 − REVISED JUNE 2008 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION receive (continued) The sequence of events for a normal packet reception is as follows:1 a. Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines. Normally, the interface is idle when receive is asserted. However, the receive operation may interrupt a status transfer operation that is in progress so that the CTL lines may change from status to receive without an intervening idle. b. Data-on indication. The PHY may assert the data-on indication code on the D lines for one or more cycles preceding the speed-code. c. Speed code. The PHY indicates the speed of the received packet by asserting a speed code on the D lines for one cycle immediately preceding packet data. The link decodes the speed code on the first receive cycle for which the D lines are not the data-on code. If the speed code is invalid, or indicates a speed higher that that which the link is capable of handling, the link should ignore the subsequent data. d. Receive data. Following the data-on indication (if any) and the speed-code, the PHY asserts packet data on the D lines with receive on the CTL lines for the remainder of the receive operation. e. Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines. The PHY asserts at least one cycle of idle following a receive operation. 00 00 10 XX (a) (b) (c) FF (data-on) D0–D7 CTL0, CTL1 SYSCLK 00 01 Figure 20. Null Packet Reception Timing The sequence of events for a null packet reception is as follows:1 a. Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines. Normally, the interface is idle when receive is asserted. However, the receive operation may interrupt a status transfer operation that is in progress so that the CTL lines may change from status to receive without an intervening idle. b. Data-on indication. The PHY asserts the data-on indication code on the D lines for one or more cycles. c. Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines. The PHY asserts at least one cycle of idle following a receive operation. Table 20. Receive Speed Codes D0–D7 DATA RATE 00XX XXXX S100 0100 XXXX S200 0101 0000 S400 1YYY YYYY data-on indication NOTE: X = Output as 0 by PHY, ignored by LLC. Y = Output as 1 by PHY, ignored by LLC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |