Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB2PAPG4 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPG4
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB2PAPG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB41AB2PAPG4 Datasheet HTML 24Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 25Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 26Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 27Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 28Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 29Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 30Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 31Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the TSB41AB2 with a non-IEEE 1394a-2000 link layer
The TSB41AB2 implements the PHY-LLC interface specified in IEEE 1394a-2000. This interface is based upon
the interface described in informative Annex J of IEEE Std 1394-1995, which is the interface used in older TI
PHY devices. The PHY-LLC interface specified in IEEE 1394a-2000 is completely compatible with the older
Annex J interface.
IEEE 1394a-2000 includes enhancements to the Annex J interface that must be comprehended when using
the TSB41AB2 with a non-IEEE 1394a-2000 LLC device.
D A new LLC service request was added which allows the LLC to temporarily enable and disable
asynchronous arbitration accelerations. If the LLC does not implement this new service request, the
arbitration enhancements should not be enabled (see the EAA bit in PHY register 5).
D The capability to perform multispeed concatenation (the concatenation of packets of differing speeds) was
added in order to improve bus efficiency (primarily during isochronous transmission). If the LLC does not
support multispeed concatenation, multispeed concatenation should not be enabled in the PHY (see the
EMC bit in PHY register 5).
D In order to accommodate the higher transmission speeds expected in future revisions of the standard, IEEE
1394a-2000 extended the speed code in bus requests from 2 bits to 3 bits, increasing the length of the bus
request from 7 bits to 8 bits. The new speed codes were carefully selected so that new IEEE 1394a-2000
PHY and LLC devices would be compatible, for speeds from S100 to S400, with legacy PHY and LLC
devices that use the 2-bit speed codes. The TSB41AB2 correctly interprets both 7-bit bus requests (with
2-bit speed codes) and 8-bit bus requests (with 3-bit speed codes). Moreover, if a 7-bit bus request is
immediately followed by another request (for example, a register read or write request), the TSB41AB2
correctly interprets both requests. Although the TSB41AB2 correctly interprets 8-bit bus requests, a request
with a speed code exceeding S400 results in the TSB41AB2 transmitting a null packet (data-prefix followed
by data-end, with no data in the packet).
More explanation is included in the TI application note IEEE 1394a Features Supported by TI TSB41LV0X
Physical Layer Devices, TI literature number SLLA019.
using the TSB41AB2 with a lower-speed link layer
Although the TSB41AB2 is an S400 capable PHY, it may be used with lower speed LLCs, such as the S200
capable TSB12LV31. In such a case, the LLC has fewer data terminals than the PHY, and some Dn terminals
on the TSB41AB2 remain unused. Unused Dn terminals should be pulled to ground through 10-k
Ω resistors.
The TSB41AB2 transfers all received packet data to the LLC, even if the speed of the packet exceeds the
capability of the LLC to accept it. Some lower speed LLC designs do not properly ignore packet data in such
cases. On the rare occasions that the first 16 bits of partial data accepted by such an LLC match the bus ID and
node ID for that node, spurious header CRC or tcode errors may result.
During bus initialization following a bus reset, each PHY transmits a self-ID packet that indicates, among other
information, the speed capability of the PHY. The bus manager (if one exists) builds a speed map from the
collected self-ID packets. This speed map gives the highest possible speed that can be used on the
node-to-node communication paths between every pair of nodes in the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com