Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88346LP Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB88346LP
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88346LP Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB88346LP Datasheet HTML 1Page - fujitsu semiconductor MB88346LP Datasheet HTML 2Page - fujitsu semiconductor MB88346LP Datasheet HTML 3Page - fujitsu semiconductor MB88346LP Datasheet HTML 4Page - fujitsu semiconductor MB88346LP Datasheet HTML 5Page - fujitsu semiconductor MB88346LP Datasheet HTML 6Page - fujitsu semiconductor MB88346LP Datasheet HTML 7Page - fujitsu semiconductor MB88346LP Datasheet HTML 8Page - fujitsu semiconductor MB88346LP Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MB88346L
3
■ PIN DESCRIPTION
Pin No.
Symbol
I/O
Function
17
DI
I
Serial address/data input to the internal 12-bit shift register : The ad-
dress/data format is that upper 4 bits (D11 to D8) indicate an address
and lower 8 bits (D7 to D0) indicate data. The D11 (MSB) is the first-
in bit and D0 (LSB) is the last-in bit.
14
DO
O
Outputs MSB bit data from 12-bit shift register.
16
CLK
I
Shift clock input to the internal 12-bit shift register : At the rising edge
of CLK data on the DI pin is shifted into the LSB of the shift register
and contents of the shift register are shifted right (to the MSB) .
15
LD
I
Load strobe input for a 12-bit address/data : A high level on the LD pin
latches a 4-bit address (upper 4 bits : D11 to D8) of the internal 12-bit
shift register into the internal address decoder, and writes 8-bit data
(lower 8 bits : D7 to D0) of the shift register into an internal data latch
selected by the latched address.
18
19
2
3
4
5
6
7
8
9
12
13
AO1
AO2
AO3
AO4
AO5
AO6
AO7
AO8
AO9
AO10
AO11
AO12
O
8-bit D/A output pins with OP amps.
11
VCC
⎯
MCU interface and OP amp power supply pin.
20
GND
⎯
MCU interface and OP amp ground pin.
10
VDD
⎯
D/A converter power supply pin.
1VSS
⎯
D/A converter ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com