Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88346LPFV Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB88346LPFV
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88346LPFV Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB88346LPFV Datasheet HTML 9Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 10Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 11Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 12Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 13Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 14Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 15Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 16Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 17Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MB88346L
16
(Continued)
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
20-pin plastic SSOP
Lead pitch
0.65 mm
Package width
×
package length
4.40
× 6.50 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.45 mmMAX
Weight
0.09g
Code
(Reference)
P-SSOP20-4.4
×6.5-0.65
20-pin plastic SSOP
(FPT-20P-M03)
(FPT-20P-M03)
C
2003 FUJITSU LIMITED F20012S-c-4-6
6.50±0.10(.256±.004)
4.40±0.10
6.40±0.20
(.252±.008)
(.173±.004)
.049 –.004
+.008
–0.10
+0.20
1.25
(Mounting height)
0.10(.004)
0.65(.026)
0.24±0.08
(.009±.003)
110
20
11
"A"
0.10±0.10
(Stand off)
0.17±0.03
(.007±.001)
M
0.13(.005)
(.004±.004)
Details of "A" part
0~8˚
(.024±.006)
0.60±0.15
(.020±.008)
0.50±0.20
0.25(.010)
LEAD No.
INDEX
*1
*2
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) *1 : Resin protrusion. (Each side : +0.15 (.006) Max).
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3)Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com