Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88347LPF Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB88347LPF
Description  D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88347LPF Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB88347LPF Datasheet HTML 1Page - fujitsu semiconductor MB88347LPF Datasheet HTML 2Page - fujitsu semiconductor MB88347LPF Datasheet HTML 3Page - fujitsu semiconductor MB88347LPF Datasheet HTML 4Page - fujitsu semiconductor MB88347LPF Datasheet HTML 5Page - fujitsu semiconductor MB88347LPF Datasheet HTML 6Page - fujitsu semiconductor MB88347LPF Datasheet HTML 7Page - fujitsu semiconductor MB88347LPF Datasheet HTML 8Page - fujitsu semiconductor MB88347LPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MB88347L
s PIN ASSIGNMENT
s PIN DESCRIPTION
Pin No.
Pin name
I/O
Functions
14
DI
I
Serial data input pin. This pin inputs serial data with a data length of 12
bits. (Do not leave the pin floating.)
11
DO
O
This pin outputs the MSB data in the 12-bit shift register at the CLK falling
edge.
13
CLK
I
Shift clock input pin. The input signal from the DI pin enters the 12-bit shift
register at the rising edge of the shift clock pulse. (Do not leave this pin
floating.)
12
LD
I
When the LD pin inputs the High-level signal, shift register value is loaded
to the decoder and the D/A output register. (Do not leave this pin floating.
When data is not transferred, fix the pin to the “Low” level.)
15
2
3
4
5
6
7
10
AO1
AO2
AO3
AO4
AO5
AO6
AO7
AO8
O
8-bit D/A output with op amp.
9VCC
—
MCU interface and OP amp power-supply pin.
16
GND
—
MCU interface and OP amp GND pin.
8VDD
—
D/A converter reference power (High) input pin.
1VSS
—
D/A converter reference power (Low) input pin.
VSS
AO3
AO4
AO5
AO6
AO7
VDD
GND
AO1
AO8
VCC
DO
LD
CLK
DI
(Top view)
(DIP-16P-M04)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
AO2
(FPT-16P-M06)
(FPT-16P-M05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com