Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 480
Description  HCMOS / TTL Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

480 Datasheet(HTML) 2 Page - Oscilent Corporation

  480 Datasheet HTML 1Page - Oscilent Corporation 480 Datasheet HTML 2Page - Oscilent Corporation 480 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PIN CONNECTIONS
#1
Tri-State Enable
High
#2 Case Ground
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp. (°
C)
Duty Cycle
Pin 1 Connection
480
- 8.0 M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your freq.
e.g. 8.0M = 8.00 MHz
See table below
for standard freq.
5 = 5VDC
3 = 3.3VDC
D =
±100 PPM
E =
±50 PPM
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = -50±5%
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
PART NUMBER CODING - STANDARD OSCILLATOR FREQUENCIES
FREQUENCY (1.8432 - 16.000MHz)
FREQUENCY (16.257 - 80.00MHz)
1.8432
16.257
2.000
16.384
2.4576
17.734475
3.579545
18.000
3.6864
18.432
4.000
19.6608
4.9152
20.000
Page 2 of 3
Oscilent Corporation | 480 Series Surface Mount Crystal Oscillator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com