Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

635 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 635
Description  Low Frequencies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

635 Datasheet(HTML) 2 Page - Oscilent Corporation

  635 Datasheet HTML 1Page - Oscilent Corporation 635 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Freq. Range
(KHz)
Dimensions
W
T
H
P
L
190 ~ 249
13.5
3.6
14.7
10.0
8.0
250 ~ 374
11.0
3.6
12.2
7.7
7.0
375 ~ 429
7.9
3.6
9.3
5.0
6.0
430 ~ 699
7.0
3.5
9.0
5.0
6.0
700 ~ 1250
5.1
2.2
6.3
2.5
4.0
PART NUMBER GUIDE
Part Number
Frequency
Packaging**
635
- 680 K
Blank* = Bulk
-TR = Tape/ Reel
630 to 636 (see table above)
e.g. -680K = 680KHz
Range = 190 ~ 1250 KHz
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: "Blank" part number selections, indicate standard variables for the particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.:
630 to 636
Page 2 of 2
Oscilent Corporation | 630 - 636 Series Ceramic Resonator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com