Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0128D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0128D
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0128D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0128D Datasheet HTML 1Page - Solid States Devices, Inc RC0128D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0128D
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Typical
Maximum
Unit
Instantaneous Forward Voltage Drop
(IF = 5 A, 300 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
VF1a
VF1b
VF1c
VF1d
VF1e
1070
950
760
710
650
-
-
-
-
-
mVDC
Instantaneous Forward Voltage Drop
(IF =10 ADC, 300 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
VF2a
VF2b
VF2c
VF2d
VF2e
1150
1050
860
810
750
-
1150
-
975
-
mVDC
Instantaneous Forward Voltage Drop
(IF =20 ADC, 300 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
VF3a
VF3b
VF3c
VF3d
VF3e
1260
1170
1000
950
880
-
-
-
-
-
mVDC
Instantaneous Forward Voltage Drop
(IF =30 ADC, 300 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
VF4a
VF4b
VF4c
VF4d
VF4e
1340
1260
1100
1050
990
-
1400
-
1250
-
mVDC
Instantaneous Forward Voltage Drop
(IF =50 ADC, 300 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
VF5a
VF5b
VF5c
VF5d
VF5e
1480
1400
1240
1190
1150
-
-
-
-
-
mVDC
Reverse Leakage Current
(Rated VR, 300 sec pulse minimum)
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
IR1
IR2
IR3
IR4
0.1
6
25
80
10
-
500
-
uA
Junction Capacitance
(TA = 25
oC, f = 1 MHz)
VR= 5 V
VR = 10 V
CJ
190
140
-
250
pF
Reverse Recovery
IF= 0.5 A, IR= 1 A, Irr= 0.25 A
IF= 1 A, IR= 1 A, Irr= 0.1 A
IF= 10 A, dIF/dt= 45 A/us, Ta= 25
oC
IF= 10 A, dIF/dt= 45 A/us, Ta= 25
oC
IF= 10 A, dIF/dt= 45 A/us, Ta= 100
oC
IF= 10 A, dIF/dt= 45 A/us, Ta= 100
oC
IF= 10 A, dIF/dt= 100 A/us, Ta= 25
oC
IF= 10 A, dIF/dt= 100 A/us, Ta= 25
oC
trr1
trr2
trr3
IRM3
trr4
IRM4
trr5
IRM5
32
75
46
1.8
115
3.8
45
3.7
35
-
-
-
-
-
-
-
ns
ns
ns
A
ns
A
ns
A
Forward Recovery
IF= 1 A
tfr
Vfr
60
880
-
-
ns
mV
NOTES:
1/
For ordering information, price, operating curves, and availability – contact factory.
2/
Screening based on MIL-PRF-19500
. Screening flows available on request.
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SER30KB60 / SER30KE60
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com