Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC115T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDTC115T
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PDTC115T Datasheet HTML 2Page - NXP Semiconductors PDTC115T Datasheet HTML 3Page - NXP Semiconductors PDTC115T Datasheet HTML 4Page - NXP Semiconductors PDTC115T Datasheet HTML 5Page - NXP Semiconductors PDTC115T Datasheet HTML 6Page - NXP Semiconductors PDTC115T Datasheet HTML 7Page - NXP Semiconductors PDTC115T Datasheet HTML 8Page - NXP Semiconductors PDTC115T Datasheet HTML 9Page - NXP Semiconductors PDTC115T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
7 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 9.
Package outline SOT23 (TO-236AB)
Fig 10. Package outline SOT323 (SC-70)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTC115TE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC115TK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC115TM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTC115TS
SOT54
bulk, straight leads
-
-412
-
PDTC115TS
SOT54A
tape and reel, wide pitch
-
-
-116
PDTC115TS
SOT54A
tape ammopack, wide pitch
-
-
-126
PDTC115TS
SOT54 variant
bulk, delta pinning
-
-112
-
PDTC115TT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTC115TU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com