Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC115TE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTC115TE
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115TE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTC115TE Datasheet HTML 2Page - NXP Semiconductors PDTC115TE Datasheet HTML 3Page - NXP Semiconductors PDTC115TE Datasheet HTML 4Page - NXP Semiconductors PDTC115TE Datasheet HTML 5Page - NXP Semiconductors PDTC115TE Datasheet HTML 6Page - NXP Semiconductors PDTC115TE Datasheet HTML 7Page - NXP Semiconductors PDTC115TE Datasheet HTML 8Page - NXP Semiconductors PDTC115TE Datasheet HTML 9Page - NXP Semiconductors PDTC115TE Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
6 of 10
8.
Package outline
Fig 3.
Package outline SOT416 (SC-75)
Fig 4.
Package outline SOT346 (SC-59A/TO-236)
Fig 5.
Package outline SOT883 (SC-101)
Fig 6.
Package outline SOT54 (SC-43A/TO-92)
Fig 7.
Package outline SOT54A
Fig 8.
Package outline SOT54 variant
04-11-04
Dimensions in mm
0.95
0.60
1.8
1.4
1.75
1.45
0.9
0.7
0.25
0.10
1
0.30
0.15
12
3
0.45
0.15
04-11-11
Dimensions in mm
3.0
2.5
1.7
1.3
0.26
0.10
12
3
1.9
0.50
0.35
1.3
1.0
3.1
2.7
0.6
0.2
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35
04-11-16
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
2.54
3
2
1
04-06-28
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
2.54
5.08
3 max
3
2
1
05-01-10
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
1.27
2.54
2.5
max
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com