Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0129A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0129A
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0129A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0129A Datasheet HTML 1Page - Solid States Devices, Inc RC0129A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0129A
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Instantaneous Forward Voltage Drop
(IF = 1 Adc, 300- 500 μs Pulse, TA = 25°C)
VF1
4.80
Vdc
Instantaneous Forward Voltage Drop
(IF = 1 Adc, 300- 500 μs Pulse, TA = -55°C)
VF2
5.0
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
IR1
20
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
IR2
200
μA
Junction Capacitance
(VR = 100Vdc, TA = 25°C , f = 1MHz)
CJ
20
pf
Maximum Reverse Recovery Time
4/
trr
40
ns
DIMENSIONS
DIMENSIONS
DIM. MIN. MAX.
DIM.
MIN.
MAX.
A
.100” .150”
A
.135”
.155”
B
.125” .200”
B
.175”
.250”
C
.027” .033”
C
.022”
.028”
Axial Leaded Case Outline:
D
1.00”
---
D
.002”
---
Square Tab Surface Mount Case
Outline:
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1PHF thru SDR1WHF
and
SDR1PHFSMS and SDR1WHFSMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com