Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH0023B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0023B
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0023B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0023B Datasheet HTML 1Page - Solid States Devices, Inc RH0023B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0023B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SHF14 __ __ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
⏐
L Package
___ = Axial Leaded
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
L
Voltage
02 = 200 V
03 = 300 V
04 = 400 V
05 = 500 V
06 = 600 V
SHF1402 - SHF1406
and
SHF1402SMS - SHF1406SMS
4 AMP
200–600 Volts
30 nsec
HYPER FAST RECTIFIER
Features:
• Guaranteed High Temp. trr: 50 nsec Max (Axial) trr:
60nsec Max (SMS)
• Hyper Fast Recovery: 30 nsec Max.
• PIV to 600 Volts
• Void Free Construction
• Hermetically Sealed
• Low Reverse Leakage Current
• For High Efficiency Applications
• Replacement for 1N6626 Series where faster trr is
required
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SHF1402
SHF1403
SHF1404
SHF1405
SHF1406
VRRM
VRWM
VR
200
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 55ºC, L=3/8”)
Io
4
Amps
Surge Current
(Single 8.3 ms Pulse, Half Sine Superimposed on Io, TA = 55ºC)
IFSM
75
Amps
Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 55ºC)
IFRM
20
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8 "
Junction to End
RθJL
RθJE
20
14
ºC/W
Notes:
1/ For Ordering Information, Price, Operating
Curves, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening
Flows Available on Request.
Axial Leaded
SMS (Square)


Similar Part No. - RH0023B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0023B SSDI-RH0023B_15 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - RH0023B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com