Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC560D Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC560D
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560D Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC560D Datasheet HTML 10Page - Semtech Corporation SC560D Datasheet HTML 11Page - Semtech Corporation SC560D Datasheet HTML 12Page - Semtech Corporation SC560D Datasheet HTML 13Page - Semtech Corporation SC560D Datasheet HTML 14Page - Semtech Corporation SC560D Datasheet HTML 15Page - Semtech Corporation SC560D Datasheet HTML 16Page - Semtech Corporation SC560D Datasheet HTML 17Page - Semtech Corporation SC560D Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SC560
14
Thermal Considerations
Although each of the two LDOs in the SC560 can provide
300mA of output current, the maximum power dissipation
in the device is restricted by the miniature package size.
The graphs in Figure 3 and Figure 4 can be used as a
guideline to determine whether the input voltage, output
voltages, output currents, and ambient temperature of the
system result in power dissipation within the operating
limits are met or if further thermal relief is required.
0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
0 .7
2 .5
3
3 .5
4
4 .5
5
5 .5
6
______ T
A =+ 25 °C , P D (M A X )= 0 .8 W
- - - - T A=+ 85 °C , P D(MAX)= 0.41W
Vo = 3 .3 V
Input Voltage (V)
Vo = 1 .5 V
Figure 3 — Safe Operating Limit
0
0 .2
0 .4
0 .6
0 .8
1
1 .2
1 .4
1 .6
-40
-20
0
20
40
60
80
100
Ambient Temperature (
oC)
T J(Max)= 150°C
T J(Max)= 125 °C
Figure 4 — Maximum P
D vs. TA
Applications Information (continued)
The following procedure can be followed to determine if
the thermal design of the system is adequate. The junction
temperature of the SC560 can be determined in known
operating conditions using the following equation:
T
J = TA +(PD x θJA)
where
T
J = Junction Temperature (°C)
T
A = Ambient Temperature (°C)
P
D = Power Dissipation (W)
θ
JA = Thermal Resistance Junction to Ambient
(°C/W)
Example
An SC560D is used to provide outputs of 2.8V, 150mA from
LDOA and 1.8V, 200mA from LDOB. The input voltage is
4.2V, and the ambient temperature of the system is 40°C.
P
D= 0.15(4.2 – 2.8) + 0.2(4.2 – 1.8)
= 0.69W
and
T
J = 40 + (0.69 x 157) = 148.3°C
Figures 3 and 4 show that the junction temperature
would be within the maximum speci cation of 150°C
for this power dissipation. This means that operation of
the SC560 under these conditions is within the speci ed
limits and the device would not require further thermal
relief measures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com