Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

921 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 921
Description  LVPECL Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

921 Datasheet(HTML) 1 Page - Oscilent Corporation

  921 Datasheet HTML 1Page - Oscilent Corporation 921 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
921
5 x 7 Ceramic 6 Pad
LVPECL Output
Jan. 01 2007
FEATURES
- High Frequency
- PECL Square Wave
- Ultra-Low Jitter
- Extended Operating Temperature
- SMD Version 6 Pad
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
PECL Square Wave
-
Input Voltage (VDD)
-
3.3 ±5%
VDC
Frequency Range (fO)
-
106.250 / 212.500
MHz
Operating Temperature (TOPR)
-
0 ~ +85
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
(a) - (e)
±50 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
(e) Aging (@ 25°C)
±3 max.
PPM/Y
Current Consumption
-
75 max.
mA
Rise Time (Tr)
-
400 max. (20% to 80% of Waveform)
ps
Fall Time (Tf)
-
400 max. (20% to 80% of Waveform)
ps
Output Voltage (Vol)
-
Vcc - 1.81V ~ Vcc - 1.02V
-
Output Voltage (Voh)
-
Vcc - 1.025V ~ Vcc - 0.88V
-
Load
-
50
Ohms
Duty Cycle
-
50 ±5
%
Start-Up Time (TS)
-
10 max.
mS
Phase Jitter
(12KHz to 20MHz)
RMS: 1 max.
ps
Page 1 of 2
Oscilent Corporation | 921 Series SMD Crystal Oscillator


Similar Part No. - 921

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
921 KEYSIGHT-921 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
ABL Aluminium Component...
921 AB ABL-921 AB Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
EAO AG.
921-.401-00 EAO-921-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
921-.401-0P EAO-921-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
921-.401-W0 EAO-921-.401-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
LVPECL Output
GPQN EUROQUARTZ-GPQN Datasheet
522Kb / 4P
LVPECL Output
logo
Mercury United Electron...
GPF62 MERCURY-GPF62 Datasheet
123Kb / 1P
SMD LVPECL output
GPF63 MERCURY-GPF63 Datasheet
122Kb / 1P
SMD LVPECL output
GPF576 MERCURY-GPF576 Datasheet
125Kb / 1P
SMD LVPECL output
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
SMD LVPECL output
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
SMD LVPECL output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
LVPECL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com