Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08080W Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08080W Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH08080W Datasheet HTML 2Page - Texas Instruments PTH08080W Datasheet HTML 3Page - Texas Instruments PTH08080W Datasheet HTML 4Page - Texas Instruments PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments PTH08080W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
0
0.25
0.5
0.75
1
0
0.5
1
1.5
2
2.5
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.2 V
IO − Output Current − A
VO = 1.8V
VO = 1.5 V
20
30
40
50
60
70
80
90
0.25
0.75
1.25
1.75
2.25
Airflow
Nat Conv
IO − Output Current − A
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
IO − Output Current − A
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
VO = 2.5 V
VO = 1.5 V
VO = 1.2 V
VO = 5 V
VO = 3.3 V
VO = 1.8 V
IO − Output Current − A
PTH08080W
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (12-V INPUT) (1) (2)
EFFICIENCY
OUTPUT RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 6.
Figure 7.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 8.
Figure 9.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 6, Figure 7, and Figure 8.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100-mm × 100-mm, double-sided PCB with 2-oz. copper.
Applies to Figure 9.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com