Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH0037 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0037
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0037 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0037 Datasheet HTML 1Page - Solid States Devices, Inc RH0037 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR950S1
THRU
SDR952S1
Electrical Characteristics
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(IF=25Adc, TA = 25ºC, 300
µsec pulse)
(IF=50Adc, TA = 25ºC, 300
µsec pulse)
VF1
––
0.95
1.05
Volts
Instantaneous Forward Voltage Drop
(IF= 50Adc, TA = 100ºC, 300
µsec pulse)
(IF= 50Adc, TA = -55ºC, 300
µsec pulse)
VF2
––
0.95
1.20
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300
µsec pulse minimum)
IR1
––
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300
µsec pulse minimum)
IR2
––
1
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
950
pF
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC )
trr
––
45
nsec
CASE OUTLINE: SMD1
Pin 1: CATHODE
Pin 2: ANODE
Pin 3: ANODE
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0037C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com