Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH0085G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0085G
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0085G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0085G Datasheet HTML 1Page - Solid States Devices, Inc RH0085G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPD _ _ __ __
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level (for SM,
use –S)
⏐
⏐
⏐
⏐
L
Package
___ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
L
Voltage
48 = 50 V
49 = 75 V
50 = 100 V
51 = 125 V
SPD48 thru SPD51
Series
200 mAMP
50-125 Volts
5 nsec
HYPER FAST RECTIFIER
Features:
•
Hyper Fast Recovery: 5 nsec maximum
•
Subminiature Surface Mount Package
•
Square Tab Mounting (Round Tabs Available)
•
Hermetically Sealed
•
Planar Passivated Chip
•
For High Efficiency Applications
•
Replaces 1N4148, 1N4149, 1N4150, and
1N4151 types
•
TX, TXV and S – Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SPD48
SPD49
SPD50
SPD51
VRRM
VRWM
VR
50
75
100
125
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
200
mAmps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow
Junction to Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
4
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8”
Junction to End Tab
RθJL
RθJE
325
140
ºC/W
1/ For Ordering Information, Price, Operating
Curves, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening
Flows Available on Request.
Axial
SM (Round)
SMS (Square)


Similar Part No. - RH0085G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0085G SSDI-RH0085G Datasheet
99Kb / 2P
HYPER FAST RECTIFIER
RH0085G SSDI-RH0085G_15 Datasheet
99Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - RH0085G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com