Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA05C Datasheet(PDF) 2 Page - Protek Devices

Part # SMDA05C
Description  500 WATT MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA05C Datasheet(HTML) 2 Page - Protek Devices

  SMDA05C Datasheet HTML 1Page - Protek Devices SMDA05C Datasheet HTML 2Page - Protek Devices SMDA05C Datasheet HTML 3Page - Protek Devices SMDA05C Datasheet HTML 4Page - Protek Devices SMDA05C Datasheet HTML 5Page - Protek Devices SMDA05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05031.R11 10/12
Page 2
SMDA03 - SMDA36C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (See Note 1)
V
F
1.5
Volts
NoTE
1. Only applies to unidirectional devices.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Note 1)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 1A
V
C
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 5A
V
C
VoLTS
MAXIMUM
CURRENT
I
PP
@ 8/20µs
AMPS
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
SMDA03
SDL
3.3
4.0
6.5
7.0
43.0
125
800
SMDA03C
SDM
3.3
4.5
7.0
9.0
43.0
125
450
SMDA05
SDA
5.0
6.0
9.8
10.0
40.0
20
550
SMDA05C
SDB
5.0
6.0
9.8
10.0
40.0
20
308
SMDA08
SDJ
8.0
8.5
13.4
14.0
27.0
10
500
SMDA08C
SDK
8.0
8.5
13.4
14.0
27.0
10
300
SMDA12
SDC
12.0
13.3
19.0
22.0
20.0
1
185
SMDA12C
SDD
12.0
13.3
19.0
22.0
20.0
1
105
SMDA15
SDE
15.0
16.7
24.0
27.0
15.0
1
140
SMDA15C
SDF
15.0
16.7
24.0
27.0
15.0
1
80
SMDA24
SDG
24.0
26.7
43.0
45.0
12.0
1
88
SMDA24C
SDH
24.0
26.7
43.0
45.0
12.0
1
50
SMDA36
SDN
36.0
40.0
51.0
65.0
8.0
1
80
SMDA36C
SDP
36.0
40.0
51.0
65.0
8.0
1
45
NoTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., SMDA03C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com